Part Number Hot Search : 
414EH DUPLEX DB101 C3632 MR141L 2SA1535 TPS79633 A183E
Product Description
Full Text Search
 

To Download SSF4006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSF4006
Feathers: Advanced trench process technology avalanche energy, 100% test Fully characterized avalanche voltage and current Description: The SSF4006 is a new generation of high voltage and low current N-Channel enhancement mode trench power MOSFET. This new technology increases the device reliability and electrical parameter repeatability. SSF4006 is assembled in high reliability and qualified assembly house. Application: Commercial-industrial application SSF4006 TOP View (T0-220) ID =160A BV=40V Rdson=0.005
Absolute Maximum Ratings Parameter ID@Tc=25 C ID@Tc=100C IDM PD@TC=25C VGS EAS EAR dv/dt TJ TSTG Thermal Resistance Parameter RJC RJA Junction-to-case Junction-to-ambient Min. -- -- Typ. 0.83 -- Max. -- 62 Units C/W Continuous drain current,VGS@10V Continuous drain current,VGS@10V Pulsed drain current Power dissipation Linear derating factor Gate-to-Source voltage Single pulse avalanche energy Repetitive avalanche energy Peak diode recovery voltage Operating Junction and Storage Temperature Range Max. 160 100 640 150 2.0 20 480 TBD 31 -55 to +150 W W/ C V mJ mJ v/ns C A Units
Electrical Characteristics @TJ=25 C(unless otherwise specified) Parameter BVDSS VGS(th) IDSS Drain-to-Source breakdown voltage Gate threshold voltage Drain-to-Source leakage current Gate-to-Source forward leakage Gate-to-Source reverse leakage RDS(on) Static Drain-to-Source on-resistance Min. 40 -- 2.0 -- -- -- --
2009.6.10
Typ. -- -- -- -- -- --
Max. Units -- 4.0 1 10 100 -100 V V
Test Conditions VGS=0V,ID=250A VGS=10V,ID=30A VDS=VGS,ID=250A VDS=40V,VGS=0V
0.0045 0.005
A VDS=40V, VGS=0V,TJ=150C nA VGS=20V VGS=-20V
Version : 1.0 page 1of4
IGSS
(c)Silikron Semiconductor CO.,LTD.
SSF4006
Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Total gate charge Gate-to-Source charge Gate-to-Drain("Miller") charge Turn-on delay time Rise time Turn-Off delay time Fall time Input capacitance Output capacitance Reverse transfer capacitance -- -- -- -- -- -- -- -- -- -- 90 14 24 18.2 15.6 70.5 13.8 3150 300 240 nS -- -- VDD=30V ID=2A ,RL=15 RG=2.5 VGS=10V VGS=0V pF VDS=25V f=1.0MHZ nC ID=30A,VGS=10V VDD=30V
Source-Drain Ratings and Characteristics Parameter IS ISM Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Reverse Recovery Time Forward Turn-on Time . . Min. -- -- -- Typ. -- -- -- 57 107 Max. 160 A 640 1.3 -- -- V nS C Units Test Conditions MOSFET symbol showing the integral reverse p-n junction diode. TJ=25C,IS=40A,VGS=0V TJ=25C,IF=75A di/dt=100A/s
VSD Diode Forward Voltage trr ton Qrr Reverse Recovery Charge
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes: Repetitive rating; pulse width limited by max junction temperature. Test condition: L =0.3mH, VDD = 47V,Id=57A
Pulse width300S, duty cycle1.5% ; RG = 25 Starting TJ = 25C
(c)Silikron Semiconductor CO.,LTD.
2009.6.10
Version : 1.0
page
2of4
SSF4006
EAS Test Circuit: Gate Charge Test Circuit:
Switch Time Test Circuit:
Switch Waveform:
(c)Silikron Semiconductor CO.,LTD.
2009.6.10
Version : 1.0
page
3of4
SSF4006
TO-220 MECHANICAL DATA:
(c)Silikron Semiconductor CO.,LTD.
2009.6.10
Version : 1.0
page
4of4


▲Up To Search▲   

 
Price & Availability of SSF4006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X